Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3271 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics AN3271 Datasheet HTML 25Page - STMicroelectronics AN3271 Datasheet HTML 26Page - STMicroelectronics AN3271 Datasheet HTML 27Page - STMicroelectronics AN3271 Datasheet HTML 28Page - STMicroelectronics AN3271 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AN3271
Demonstration boards, promotion tools
Doc ID 17933 Rev 2
27/29
13.3
Demonstration board
The board can be connected to all of the STM660x pins through test points and has
terminals for the connection of supply voltage VBAT and switched output voltage VOUT. Two
push-buttons are used to assert the PB and SR signals and five LEDs indicate the status of
VBAT, PBOUT, VCCLO, EN, and VOUT. Any STM660x part soldered on the interposers can be
easily replaced.
Other functionalities of the board include deassertion of output voltage using jumper
assert_PSHOLD, selection of EN output (active low or active high), and optional adjustment
of the Smart Reset delay tSRD using jumper CSRD2.
Figure 24.
STM660x demonstration board for evaluation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29