Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3271 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 12Page - STMicroelectronics AN3271 Datasheet HTML 13Page - STMicroelectronics AN3271 Datasheet HTML 14Page - STMicroelectronics AN3271 Datasheet HTML 15Page - STMicroelectronics AN3271 Datasheet HTML 16Page - STMicroelectronics AN3271 Datasheet HTML 17Page - STMicroelectronics AN3271 Datasheet HTML 18Page - STMicroelectronics AN3271 Datasheet HTML 19Page - STMicroelectronics AN3271 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Automatic confirmation of power-up
AN3271
16/29
Doc ID 17933 Rev 2
8
Automatic confirmation of power-up
Connect PSHOLD directly to the output voltage VOUT in order to enable automatic
confirmation of power-up (see Figure 14). This allows immediate power-up but does not
guarantee proper startup of the application.
The enable signal EN (EN) is asserted immediately after pushing the PB button, thus
enabling VOUT. Since PSHOLD is connected directly to VOUT, power-up is confirmed
immediately and EN (EN) stays asserted. Please note that a small delay can be caused by
capacitors connected between ground and VOUT elsewhere in the application.
Figure 14.
Automatic confirmation of power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29