Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3271 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 13Page - STMicroelectronics AN3271 Datasheet HTML 14Page - STMicroelectronics AN3271 Datasheet HTML 15Page - STMicroelectronics AN3271 Datasheet HTML 16Page - STMicroelectronics AN3271 Datasheet HTML 17Page - STMicroelectronics AN3271 Datasheet HTML 18Page - STMicroelectronics AN3271 Datasheet HTML 19Page - STMicroelectronics AN3271 Datasheet HTML 20Page - STMicroelectronics AN3271 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN3271Automatic confirmation of power-up + immediate shutdown after PB button press or und-
Doc ID 17933 Rev 2
17/29
9
Automatic confirmation of power-up + immediate
shutdown after PB button press or undervoltage
In addition to automatic power-up confirmation, power can be disabled immediately after a
PB button press or undervoltage detection. In this way the application does not service the
interrupt, which decreases its complexity. However as there is no time for data backup and
since the application no longer controls power-down, this solution might be considered as
less secure in some cases.
If INT is connected to the PSHOLD signal, the power for the application is disabled
immediately after pressing the PB button or undervoltage detection (see Figure 15).
Figure 15.
Automatic power-up confirmation + shutdown after PB button press or
undervoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29