Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3271 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 16Page - STMicroelectronics AN3271 Datasheet HTML 17Page - STMicroelectronics AN3271 Datasheet HTML 18Page - STMicroelectronics AN3271 Datasheet HTML 19Page - STMicroelectronics AN3271 Datasheet HTML 20Page - STMicroelectronics AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Automatic confirmation of power-up + immediate shutdown after PB button press only
AN3271
20/29
Doc ID 17933 Rev 2
10
Automatic confirmation of power-up + immediate
shutdown after PB button press only
If PBOUT is connected to the PSHOLD signal, power for the application is disabled only after
pressing the PB button (see Figure 18).
This hookup only applies to the STM6601 device. For the STM6600, the PSHOLD state is
checked after releasing the PB button. Since PSHOLD is held low by PBOUT, the STM6600
would never start.
Figure 18.
Automatic power-up confirmation + shutdown after PB button press only
Note:
This hookup is not suitable for the STM6600.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29