Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3259 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN3259
Description  RS232 communications with a terminal using the STM8S-DISCOVERY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3259 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN3259 Datasheet HTML 17Page - STMicroelectronics AN3259 Datasheet HTML 18Page - STMicroelectronics AN3259 Datasheet HTML 19Page - STMicroelectronics AN3259 Datasheet HTML 20Page - STMicroelectronics AN3259 Datasheet HTML 21Page - STMicroelectronics AN3259 Datasheet HTML 22Page - STMicroelectronics AN3259 Datasheet HTML 23Page - STMicroelectronics AN3259 Datasheet HTML 24Page - STMicroelectronics AN3259 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AN3259
Configuring your terminal window
Doc ID 17835 Rev 1
23/25
c)
Finally, click ASCII Setup in MyConnection properties menu, check that the
ASCII parameters match those shown in Figure 14, and modify them if needed.
Figure 14.
ASCII Setup parameters
d)
Close MyConnection Properties menu, and restart communications by choosing
Call > Call from the HyperTerminal main menu. Your STM8S-DISCOVERY
application is now ready to start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25