Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3259 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3259
Description  RS232 communications with a terminal using the STM8S-DISCOVERY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3259 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3259 Datasheet HTML 7Page - STMicroelectronics AN3259 Datasheet HTML 8Page - STMicroelectronics AN3259 Datasheet HTML 9Page - STMicroelectronics AN3259 Datasheet HTML 10Page - STMicroelectronics AN3259 Datasheet HTML 11Page - STMicroelectronics AN3259 Datasheet HTML 12Page - STMicroelectronics AN3259 Datasheet HTML 13Page - STMicroelectronics AN3259 Datasheet HTML 14Page - STMicroelectronics AN3259 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AN3259
Software description
Doc ID 17835 Rev 1
11/25
4.3.1
Application main routine
The application main routine configures the STM8S peripherals and enables all the
standard interrupts used by the application. When the initialization is complete, the main
routine displays the application menu on the terminal window (see Figure 3).
Figure 3.
Main routine flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25