Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3259 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN3259
Description  RS232 communications with a terminal using the STM8S-DISCOVERY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3259 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN3259 Datasheet HTML 12Page - STMicroelectronics AN3259 Datasheet HTML 13Page - STMicroelectronics AN3259 Datasheet HTML 14Page - STMicroelectronics AN3259 Datasheet HTML 15Page - STMicroelectronics AN3259 Datasheet HTML 16Page - STMicroelectronics AN3259 Datasheet HTML 17Page - STMicroelectronics AN3259 Datasheet HTML 18Page - STMicroelectronics AN3259 Datasheet HTML 19Page - STMicroelectronics AN3259 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Software description
AN3259
16/25
Doc ID 17835 Rev 1
4.3.5
SerialPutString and SerialPutChar functions
The SerialPutString function is used to send a character string through the UART. The string
characters are sent one by one by the SerialPutChar function as described in the flowcharts
shown in Figure 8 and Figure 9.
Figure 7.
SerialPutChar flowchart
Figure 8.
SerialPutString flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25