| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3259 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3259 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 25 page ![]() Standard ASCII character codes AN3259 18/25 Doc ID 17835 Rev 1 Appendix A Standard ASCII character codes Table 3. Standard ASCII character codes Hex Char Hex Char Hex Char Hex Char 0x00 NULL 0x20 Space 0x40 @ 0x60 ‘ 0x01 Start of heading 0x21 ! 0x41 A 0x61 a 0x02 Start of text 0x22 “ 0x42 B 0x62 b 0x03 End of text 0x23 # 0x43 C 0x63 c 0x04 End of transmit 0x24 $ 0x44 D 0x64 d 0x05 Enquiry 0x25 % 0x45 E 0x65 e 0x06 Ack 0x26 & 0x46 F 0x66 f 0x07 Audible bell 0x27 ‘ 0x47 G 0x67 g 0x08 Backspace 0x28 ( 0x48 H 0x68 h 0x09 Horizontal tab 0x29 ) 0x49 I 0x69 i 0x0A line feed 0x2A * 0x4A J 0x6A j 0x0B Vertical tab 0x2B + 0x4B K 0x6B k 0x0C Form feed 0x2C , 0x4C L 0x6C l 0x0D carriage return 0x2D - 0x4D M 0x6D m 0x0E Shift out 0x2E . 0x4E N 0x6E n 0x0F Shift in 0x2F / 0x5F O 0x6F o 0x10 Data link escape 0x30 0 0x50 P 0x70 p 0x11 Device control 1 0x31 1 0x51 Q 0x71 q 0x12 Device control 2 0x32 2 0x52 R 0x72 r 0x13 Device control 3 0x33 3 0x53 S 0x73 s 0x14 Device control 4 0x34 4 0x54 T 0x74 t 0x15 Neg. Ack 0x35 5 0x55 U 0x75 u 0x16 Synchronous idle 0x36 6 0x56 V 0x76 v 0x17 End trans. block 0x37 7 0x57 W 0x77 w 0x18 Cancel 0x38 8 0x58 X 0x78 x 0x19 End of medium 0x39 9 0x59 Y 0x79 y |