Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3137 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 31Page - STMicroelectronics AN3137 Datasheet HTML 32Page - STMicroelectronics AN3137 Datasheet HTML 33Page - STMicroelectronics AN3137 Datasheet HTML 34Page - STMicroelectronics AN3137 Datasheet HTML 35Page - STMicroelectronics AN3137 Datasheet HTML 36Page - STMicroelectronics AN3137 Datasheet HTML 37Page - STMicroelectronics AN3137 Datasheet HTML 38Page - STMicroelectronics AN3137 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AN3137
Methods for precision improvement
Doc ID 16983 Rev 3
35/42
4.5
Design rules for minimizing errors
ADC precision can only be significantly improved if external influences on the measurement
are minimized. Therefore any precision improvement method also includes rules for correct
design.
Main design rules for minimizing design errors:
Grounding of analog/digital power:
star topology
VDDA, VSSA filtering:
RC, LC filtering
avoid noise from noisy digital power
VREF selection - offset, value, precision:
reference voltage source precision and stability matched to application precision
requirements and ADC capability
reference voltage source value and precision in line with the expected measured
range
Source impedance vs. input impedance knowledge:
use input buffers for measured signal
impedance in relation with required conversion speed (proper sampling time)
External preamplifier usage:
for low (and also high) level signals
amplifier speed and precision properties
amplifier dependency on frequency
Select appropriate ADC mode, speed, trigger
Software methods: averaging, FFT, … (see Chapter 4.3: Software methods)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42