| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3029 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3029 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 42 page ![]() Setting up the STM8 development environment AN3029 34/42 DocID16139 Rev 5 10.3.3 Connecting the hardware The debug tool, STLink, is included on the STM8L1526-EVAL and STM8L1528-EVAL boards. You can connect the PC to the USB connector. This connection ensures the debug connection and the power. If the jumpers on the boards are no longer in the default position, please read the evaluation board user manuals to select power and debug support jumpers. For the STM8L101-EVAL, the Rlink tool can be connected to the PC by a standard USB connection. It is also powered by the USB interface. On the controller side, the connection to the STM8 evaluation board is made using the SWIM interface cable. The STM8L101- EVAL, evaluation board is powered by an external 5 V supply (see Figure 22). Figure 22. Connecting the debug instrument to the STM8L101-EVAL evaluation board |