Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3029 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 18Page - STMicroelectronics AN3029 Datasheet HTML 19Page - STMicroelectronics AN3029 Datasheet HTML 20Page - STMicroelectronics AN3029 Datasheet HTML 21Page - STMicroelectronics AN3029 Datasheet HTML 22Page - STMicroelectronics AN3029 Datasheet HTML 23Page - STMicroelectronics AN3029 Datasheet HTML 24Page - STMicroelectronics AN3029 Datasheet HTML 25Page - STMicroelectronics AN3029 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
STM8 development tools
AN3029
22/42
DocID16139 Rev 5
8.1.2
SWIM connector pins
The SWIM connector pins consist of four pins as described in Table 3.
8.1.3
Hardware connection
Figure 12. Hardware connection
Caution:
It is recommended to place the SWIM header as close as possible to the STM8L/STM8AL
device, as this minimizes any possible signal degradation caused by long PCB tracks.
Table 3. SWIM connector pins
Pin number
Pin name
Pin 1
VDD
Pin 2
SWIM pin
Pin 3
VSS
Pin 4
Reset
MS32528V1
4
4
1
1
2
3
2
3
AD/ICC SWIM adapter
Application board
STM8
SWIM cable
VDD
VDD
SWIM connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42