Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3029 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 28Page - STMicroelectronics AN3029 Datasheet HTML 29Page - STMicroelectronics AN3029 Datasheet HTML 30Page - STMicroelectronics AN3029 Datasheet HTML 31Page - STMicroelectronics AN3029 Datasheet HTML 32Page - STMicroelectronics AN3029 Datasheet HTML 33Page - STMicroelectronics AN3029 Datasheet HTML 34Page - STMicroelectronics AN3029 Datasheet HTML 35Page - STMicroelectronics AN3029 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Setting up the STM8 development environment
AN3029
32/42
DocID16139 Rev 5
10.3
Running the demonstration software
•
Go to www.st.com/mcu and search for STM8L/STM8AL products
•
Choose STM8L1x-EVAL, STM8L1526-EVAL, or STM8L1528-EVAL firmware
•
Open the desired project workspace within the chosen demonstration firmware
package.
To run the demonstration software on the STM8 evaluation board, the project has to be
compiled and the correct HW tool must be selected before the debug session can be
started.
10.3.1
Compiling the project
The project can be compiled using the ‘Build’ function in the ‘Build’ menu (see Figure 20).
Figure 20. STVD: Building the project



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42