| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3029 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3029 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 42 page ![]() Setting up the STM8 development environment AN3029 28/42 DocID16139 Rev 5 10 Setting up the STM8 development environment 10.1 Installing the tools All software tools are delivered with a setup wizard which guides the user through the installation process. It is recommended to install the tools in the following order: 1. C compiler 2. ST toolset 3. STM8 firmware library ST-LINK does not need any dedicated software installation in the STM8 development environment because the necessary drivers are delivered with the ST toolset. The R-link drivers must be launched separately as follows: Start/Programs/STtoolset/Setup/Install Rlink driver. |