Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2633 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 19Page - STMicroelectronics AN2633 Datasheet HTML 20Page - STMicroelectronics AN2633 Datasheet HTML 21Page - STMicroelectronics AN2633 Datasheet HTML 22Page - STMicroelectronics AN2633 Datasheet HTML 23Page - STMicroelectronics AN2633 Datasheet HTML 24Page - STMicroelectronics AN2633 Datasheet HTML 25Page - STMicroelectronics AN2633 Datasheet HTML 26Page - STMicroelectronics AN2633 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
AN2633
STR91xFA library low power mode functions
23/48
2.7
SCU_APBPeriphClockConfig
APBPeriph
The following values are allowed for the APBPeriph parameter:
__TIM01, __TIM23, __MC, __UART0, __UART1, __UART2, __I2C0, __I2C1,
__SSP0, __SSP1, __CAN, __ ADC, __WIU, __GPIO0, __GPIO1,
__GPIO2, __GPIO3, __GPIO4, __GPIO5, __GPIO6, __GPIO7, __GPIO8,
__GPIO9, __RTC.
Note:
SCU_PCGR1 Register bit 12 is “don’t care” in the STR91xFA. The system clock to the
Watchdog Block is always running.
Function name
SCU_APBPeriphClockConfig
Function prototype
void SCU_APBPeriphClockConfig(u32 APBPeriph, FunctionalState
NewState)
Behavior description
Disables/ enables a clock for a peripheral or combination of
peripherals (uses logical OR) on APB bus
Input parameter1
APBPeriph: __PPP, example: __RTC , __GPIO0, Refer to section
APBPeriph for the allowed values.
Input parameter2
NewState: ENABLE or DISABLE
Output parameter
None
Return parameter
None
Required preconditions
None
Called functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48