Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2633 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 14Page - STMicroelectronics AN2633 Datasheet HTML 15Page - STMicroelectronics AN2633 Datasheet HTML 16Page - STMicroelectronics AN2633 Datasheet HTML 17Page - STMicroelectronics AN2633 Datasheet HTML 18Page - STMicroelectronics AN2633 Datasheet HTML 19Page - STMicroelectronics AN2633 Datasheet HTML 20Page - STMicroelectronics AN2633 Datasheet HTML 21Page - STMicroelectronics AN2633 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
STR91xFA library low power mode functions
AN2633
18/48
2
STR91xFA library low power mode functions
2.1
SCU_MCLKSourceConfig
MCLK_Source
To select the system clock, use one of the following values:
Function name
SCU_MCLKSourceConfig
Function prototype
ErrorStatus SCU_MCLKSourceConfig(u32 MCLK_Source)
Behavior description
Selects the MCLK clock source: OSC, RTC, or PLL
Input parameter
MCLK_Source: specifies the clock source used as system
clock. Refer to Table 3: MCLK source for the allowed values.
Output parameter
None
Return parameter
ErrorStatus: ERROR or SUCCESS.
Function returns ERROR when selecting the PLL clock as
MCLK source while PLL is either disabled or not locked.
Required preconditions
When selecting the PLL as MCLK clock source, make sure that
the PLL is enabled and locked, you can do this using the
SCU_PLLCmd(ENABLE) function.
Called functions
None
Required preconditions
When selecting the PLL as MCLK clock source, make sure that
the PLL is enabled and locked, you can do this using the
SCU_PLLCmd(ENABLE) function.
Called functions
None
Required preconditions
When selecting the PLL as MCLK clock source, make sure that
the PLL is enabled and locked, you can do this using the
SCU_PLLCmd(ENABLE) function.
Called functions
None
Table 3.
MCLK source
MCLK_Source
Meaning
SCU_MCLK_PLL
MCLK source = PLL clock
SCU_MCLK_RTC
MCLK source = RTC clock
SCU_MCLK_OSC
MCLK source = Oscillator clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48