| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2633 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2633 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 48 page ![]() AN2633 STR91xFA library low power mode functions 19/48 2.2 SCU_PLLCmd After enabling the PLL, the PLL lock bit is polled to ensure that the PLL is locked before exiting the function. Before disabling the PLL a “security” delay is inserted, this to guarantee that the system clock has already switched to OSC or RTC before disabling the PLL. Function name SCU_PLLCmd Function prototype ErrorStatus SCU_PLLConfig(FunctionnalState NewState) Behavior description Enables or disables the PLL Input parameter NewState: ENABLE or DISABLE Output parameter None Return parameter ErrorStatus: ERROR or SUCCESS The function returns ERROR when: – Disabling the PLL while PLL is selected as MCLK source – Enabling the PLL while PLL already enabled & locked Required preconditions – When enabling the PLL, you must have already configured the PLL factors using the SCU_PLLFactorsConfig function. – When disabling the PLL, make sure that the PLL is not selected as MCLK. Called functions None |