Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2633 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN2633
Description  STR91xFA low power management and power consumption
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2633 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN2633 Datasheet HTML 18Page - STMicroelectronics AN2633 Datasheet HTML 19Page - STMicroelectronics AN2633 Datasheet HTML 20Page - STMicroelectronics AN2633 Datasheet HTML 21Page - STMicroelectronics AN2633 Datasheet HTML 22Page - STMicroelectronics AN2633 Datasheet HTML 23Page - STMicroelectronics AN2633 Datasheet HTML 24Page - STMicroelectronics AN2633 Datasheet HTML 25Page - STMicroelectronics AN2633 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
STR91xFA library low power mode functions
AN2633
22/48
2.5
SCU_PCLKDivisorConfig
2.6
SCU_FMICLKDivisorConfig
Function name
SCU_PCLKDivisorConfig
Function prototype
void SCU_PCLKDivisorConfig(u32 PCLK_Divisor)
Behavior description
Selects the PCLK divisor: 1,2,4 or 8
Input parameter
PCLK_Divisor: Refer to Table 6: PCLK_Divisor for the allowed values.
Output parameter
None
Return parameter
None
Required preconditions
None
Called functions
None
Function name
SCU_PCLKDivisorConfig
Table 6.
PCLK_Divisor
PCLK_Divisor
Meaning
SCU_PCLK_Div1
PCLK Divisor = 1
SCU_PCLK_Div2
PCLK Divisor = 2
SCU_PCLK_Div4
PCLK Divisor = 4
SCU_PCLK_Div8
PCLK Divisor = 8
Function name
SCU_FMICLKDivisorConfig
Function prototype
void SCU_FMICLKDivisorConfig(u32 FMICLK_Divisor)
Behavior description
Selects the FMI clock Divisor: 1 or 2
Input parameter
FMICLK_Divisor: Refer to Table 7: FMICLK_Divisor for the allowed
values.
Output parameter
None
Return parameter
None
Required preconditions
None
Called functions
None
Table 7.
FMICLK_Divisor
FMICLK_Divisor
Meaning
SCU_FMICLK_Div1
FMICLK Divisor = 1
SCU_FMICLK_Div2
FMICLK Divisor = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48