Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2615 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 26Page - STMicroelectronics AN2615 Datasheet HTML 27Page - STMicroelectronics AN2615 Datasheet HTML 28Page - STMicroelectronics AN2615 Datasheet HTML 29Page - STMicroelectronics AN2615 Datasheet HTML 30Page - STMicroelectronics AN2615 Datasheet HTML 31Page - STMicroelectronics AN2615 Datasheet HTML 32Page - STMicroelectronics AN2615 Datasheet HTML 33Page - STMicroelectronics AN2615 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Input stage conditions
AN2615
30/37
Figure 22.
Use of input buffer for voltage measurement
A.2
Case 2: Current measurement
Figure 23 shows the current measurement circuit.
Figure 23.
Current measurement
Vin = (Iin + I) * Rsense = Iin * (1 + I/Iin) * Rsense
------------ (1)
I = (V1 - Vin)/R = V1/(R * (1 + Rsense/R))
------------ (2)
The following points should be kept in mind while using Rsense:
1.
Rsense should be chosen to correspond with the range of the current to be measured.
2.
Rsense affects the effective value of current I. To minimize its effect, it should be
negligible compared to R. Otherwise ADC has to be compensated.
O/p
C
R
V1
I
VIN
VIN
C
O/p
V1
R
I
VIN
Rsense
Iin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37