| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2615 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2615 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 37 page ![]() AN2615 Result 21/37 30 498.75 499.23 0.48 0.09 31 519 519.41 0.41 0.32 32 538.69 539.1 0.41 0.28 33 558.91 559.3 0.39 0.11 34 578.63 579.03 0.4 0.3 35 598.65 599.01 0.36 0.28 36 638.6 638.99 0.39 0.26 37 678.93 679.3 0.37 0.14 38 718.6 718.93 0.33 0.14 39 758.61 758.93 0.32 0.23 40 798.53 798.83 0.3 0.17 41 838.7 838.94 0.24 0.19 42 858.49 858.68 0.19 0.2 43 878.55 878.72 0.17 0.13 44 898.76 898.92 0.16 0.19 45 918.53 918.61 0.08 0.13 46 938.46 938.55 0.09 0.15 47 958.68 958.72 0.04 0.1 48 978.4 978.38 -0.02 0.14 49 998.63 998.56 -0.07 0.14 50 1018.8 1018.68 -0.12 0.18 Table 1. Results for positive input voltages (continued) Sl no Vin (mV) (taken from multimeter) Vmeasured (mV) Difference (mV) (Vmeasured - Vin) Error in max and min input measured in the loop (mV) |