Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2615 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 25Page - STMicroelectronics AN2615 Datasheet HTML 26Page - STMicroelectronics AN2615 Datasheet HTML 27Page - STMicroelectronics AN2615 Datasheet HTML 28Page - STMicroelectronics AN2615 Datasheet HTML 29Page - STMicroelectronics AN2615 Datasheet HTML 30Page - STMicroelectronics AN2615 Datasheet HTML 31Page - STMicroelectronics AN2615 Datasheet HTML 32Page - STMicroelectronics AN2615 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AN2615
Input stage conditions
29/37
Appendix A
Input stage conditions
The ADC described here can be used for measuring both voltage and current with slight
changes in set-up in each case.
A.1
Case 1: Voltage measurement
There are two ways in which the input voltage appears at the ADC input. The first way is that
input comes directly from a voltage source as shown in Figure 20.
Figure 20.
Voltage measurement
In Figure 20 above, there are no problems. However, if the input comes from a potential
divider circuit as shown in Figure 21, the effective input voltage Vin is the result of the drop
across R2 due to the current I and current Iin.
Figure 21.
Potential divider
In this case an input buffer has to be used to overcome the problem (see Figure 22: Use of
input buffer for voltage measurement on page 30).
C
O/p
V1
R
I
VIN
R1
Gnd
I
VIN
R2
R1
Iin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37