Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2615 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 5Page - STMicroelectronics AN2615 Datasheet HTML 6Page - STMicroelectronics AN2615 Datasheet HTML 7Page - STMicroelectronics AN2615 Datasheet HTML 8Page - STMicroelectronics AN2615 Datasheet HTML 9Page - STMicroelectronics AN2615 Datasheet HTML 10Page - STMicroelectronics AN2615 Datasheet HTML 11Page - STMicroelectronics AN2615 Datasheet HTML 12Page - STMicroelectronics AN2615 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AN2615
Circuit analysis
9/37
4
Circuit analysis
In this analysis, it is assumed that there is no noise present and the i/p offset voltage of the
op-amp is negligible.
I = (V1 – Vin)/R = C * dVc/dt
Where, Vc = Vout – V1 and current ‘I’ is constant for a given input.
Applying the Laplace transform:
(V1 – Vin)/s * R = C * (s Vc(s) – Vc (0+))
or,
(V1 – Vin)/s
2 = (R * C) * ( V
c (s) - Vc(0+)/s)
Applying the inverse Laplace transform, we get
(V1 – Vin) * T = (R * C) * ( Vc(t) - Vc(0+) )
------------------- (1)
As shown in Figure 3: Timing diagram on page 8
At T = T2, Vc(T2) = V2 – V1
And, at T =T3, Vc (T3)= V3 – V1
So,
(V1 – Vin) * T2 = (R * C) * (V2 – V1 - Vc(0+))
------------------- (2)
And,
(V1– Vin) * T3 = (R * C) * (V3 – V1 - Vc(0+))
------------------- (3)
Equation (2) and equation (3) can both be used as the characteristic equation for this
converter, but factors like Vc(0+) and other constant errors remain present. But if we use
both comparators, then we can remove these factors by subtracting equation (2) and
equation (3).
After subtracting equation (2) from equation (1) and rearranging we get:
Vin = V1 - (R * C) *( V3 – V2 )/(T3 –T2)
------------------- (4)
Let measured time T3 - T2 = Tm and we get:
Vin = V1 - (R * C) * ( V3 – V2 )/Tm
------------------- (5)
By using equation (5) we can measure the value of Vin depending on the value of T3 and T2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com