Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2491 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN2491
Description  STW8110x hardware component layer API guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2491 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN2491 Datasheet HTML 24Page - STMicroelectronics AN2491 Datasheet HTML 25Page - STMicroelectronics AN2491 Datasheet HTML 26Page - STMicroelectronics AN2491 Datasheet HTML 27Page - STMicroelectronics AN2491 Datasheet HTML 28Page - STMicroelectronics AN2491 Datasheet HTML 29Page - STMicroelectronics AN2491 Datasheet HTML 30Page - STMicroelectronics AN2491 Datasheet HTML 31Page - STMicroelectronics AN2491 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Digital_Bus_interface header file
AN2491
30/32
8
Digital_Bus_interface header file
/******************************************************************
Copyright (C) 2006 STMicroelectronics
File name:Digital_Bus_interface.h
Description:Header file for the SPI/I2C Interface Driver code.
Provides function type and data structure definition
Creation:11/20/2006
*******************************************************************
#ifndef _DBI_H
#define _DBI_H
#ifdef __INTERFACE_I2C
// Type enumeration regarding Acknowledge of I2C mode
typedef enum
{
NO_ACK,
ACK
} t_I2C_Ack ;
// Function dedicated to send data on I2C bus
// Parameters:
// data: Table of Bytes to send (in)
// nb_bytes: number of bytes to send (in)
// Return:
// ACK if acknowledge is received by master
// NO_ACK if acknowledge isn't received by master
t_I2C_Ack I2C_Send_data(unsigned char *data, int nb_bytes);
// Function dedicated to read data on I2C bus
// Parameters:
// Add: Slave Address to read (in)
// data: Countain the byte read (out)
// Return:
// ACK if acknowledge is received by master
// NO_ACK if acknowledge isn't received by master
t_I2C_Ack I2C_Read_data(unsigned char Add, unsigned char *data);
#endif //__INTERFACE_I2C
#ifdef __INTERFACE_SPI
// Function dedicated to send data on SPI bus
// Parameters:
// data: Data (32 bits) to send (in)
void SPI_Send_data(unsigned int data);
#endif //__INTERFACE_SPI
#endif // _DBI_H
//*********** End of file -Digital_Bus_interface.h**************



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32