Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2491 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN2491
Description  STW8110x hardware component layer API guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2491 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN2491 Datasheet HTML 24Page - STMicroelectronics AN2491 Datasheet HTML 25Page - STMicroelectronics AN2491 Datasheet HTML 26Page - STMicroelectronics AN2491 Datasheet HTML 27Page - STMicroelectronics AN2491 Datasheet HTML 28Page - STMicroelectronics AN2491 Datasheet HTML 29Page - STMicroelectronics AN2491 Datasheet HTML 30Page - STMicroelectronics AN2491 Datasheet HTML 31Page - STMicroelectronics AN2491 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AN2491
STW8110x public header file
29/32
//*****************************************************************
// -------Public Functions-------
//*****************************************************************
// Global Initialization
t_stw8110x_error STW8110x_Init
(t_stw8110x_Config *Device_config_init
#ifdef __INTERFACE_I2C
,t_uint8 I2C_ADD
#endif
);
// Configuration
t_stw8110x_error Configure_STW8110x
(t_stw8110x_Config Device_Config
#ifdef __INTERFACE_I2C
,t_uint8 I2C_ADD
#endif
);
// Getting Information
t_stw8110x_error STW8110x_Get_Fout_value(t_stw8110x_Config
Device_Config, double Fref_clk, double *Fout_MHz);
t_stw8110x_error STW8110x_Check_config(t_stw8110x_Config
Device_Config);
#ifdef __INTERFACE_I2C
t_stw8110x_error I2C_Read_Status_Register(t_stw8110x_I2C_RO_reg
*ReadOnlyReg, t_uint8 I2C_ADD);
#endif
// Errors management
void STW8110x_ProcessError(t_stw8110x_error error);
#ifdef __cplusplus
} // allow C++ to use these headers
#endif// __cplusplus
#endif // _STW8110x.H
/**************** End of file – STW8110x.h*************************



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32