Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2491 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2491
Description  STW8110x hardware component layer API guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2491 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2491 Datasheet HTML 19Page - STMicroelectronics AN2491 Datasheet HTML 20Page - STMicroelectronics AN2491 Datasheet HTML 21Page - STMicroelectronics AN2491 Datasheet HTML 22Page - STMicroelectronics AN2491 Datasheet HTML 23Page - STMicroelectronics AN2491 Datasheet HTML 24Page - STMicroelectronics AN2491 Datasheet HTML 25Page - STMicroelectronics AN2491 Datasheet HTML 26Page - STMicroelectronics AN2491 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AN2491
STW8110x public header file
23/32
//-----------------------------------------------------------------
// Macros dedicated to build, set, get bits of registers
//-----------------------------------------------------------------
#define mREG_SET(__datum, __val) ((__datum) = (t_uint32)(__val))
#define mBYTE_SET(__datum, __val) ((__datum) = (t_uint8)(__val))
#define mBIT_MASK(__bws)
((t_uint32)(((bw##__bws)==32)?0xFFFFFFFF:((1 << (bw##__bws)) - 1))
<< (bs##__bws))
#define mBIT_BUILD(__bws, __val) ((t_uint32)(((t_uint32)(__val) <<
(t_uint32)(bs##__bws)) & ((t_uint32) mBIT_MASK(__bws))))
#define mBIT_GET(__datum, __bws) ((t_uint32)(((__datum) &
((t_uint32) mBIT_MASK(__bws))) >> (bs##__bws)))
#define mBIT_SET(__datum, __bws, __val) ((__datum) = ((t_uint32)
(__datum) & (t_uint32)~(mBIT_MASK(__bws))) | ((t_uint32)
((t_uint32)(__val) << (t_uint32)(bs##__bws)) & (mBIT_MASK(__bws))))
//-----------------------------------------------------------------
// Macros dedicated to print a string (depends of debug mode)
//-----------------------------------------------------------------
#ifdef __DEBUG
#include "stdio.h"
#define DBGPRINT(str)
printf(str)
#define DBGPRINT1(str,a)
printf(str,a)
#define DBGPRINT2(str,a,b)
printf(str,a,b)
#define DBGPRINT3(str,a,b,c)
printf(str,a,b,c)
#else
#ifdef __NO_DEBUG
#define DBGPRINT(str)
#define DBGPRINT1(str,a)
#define DBGPRINT2(str,a,b)
#define DBGPRINT3(str,a,b,c)
#endif
// __NO_DEBUG
#endif
//__DEBUG
//*****************************************************************
// -------STW8110x Frequency range-------
//*****************************************************************
#ifdef __PLATFORM_STW81101
#define VCO_A_FREQ_MIN 3300
#define VCO_A_FREQ_MAX 3900
#define VCO_B_FREQ_MIN 3800
#define VCO_B_FREQ_MAX 4400
#elif __PLATFORM_STW81102
#define VCO_A_FREQ_MIN 3000
#define VCO_A_FREQ_MAX 3620
#define VCO_B_FREQ_MIN 4000
#define VCO_B_FREQ_MAX 4650
#elif __PLATFORM_STW81103
#define VCO_A_FREQ_MIN 2500
#define VCO_A_FREQ_MAX 3050
#define VCO_B_FREQ_MIN 4350
#define VCO_B_FREQ_MAX 5000
#endif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32