Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2491 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2491
Description  STW8110x hardware component layer API guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2491 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2491 Datasheet HTML 9Page - STMicroelectronics AN2491 Datasheet HTML 10Page - STMicroelectronics AN2491 Datasheet HTML 11Page - STMicroelectronics AN2491 Datasheet HTML 12Page - STMicroelectronics AN2491 Datasheet HTML 13Page - STMicroelectronics AN2491 Datasheet HTML 14Page - STMicroelectronics AN2491 Datasheet HTML 15Page - STMicroelectronics AN2491 Datasheet HTML 16Page - STMicroelectronics AN2491 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AN2491
Structures
13/32
4.2
I2C mode
t_stw8110x_I2C_RO_reg
Defines the structure of STW8110x read-only register.
typedef struct
{
t_stw8110x_Device_Type
DEV_TYPE; // Device identifier bit
t_stw8110x_PLL_Status
LOCK_DET; // '1' when PLL is locked
t_uint8
INT_CAL; //VCO ctrl word internal value
} t_stw8110x_I2C_RO_reg ;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32