Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1753 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN1753
Description  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN1753 Datasheet HTML 1Page - STMicroelectronics AN1753 Datasheet HTML 2Page - STMicroelectronics AN1753 Datasheet HTML 3Page - STMicroelectronics AN1753 Datasheet HTML 4Page - STMicroelectronics AN1753 Datasheet HTML 5Page - STMicroelectronics AN1753 Datasheet HTML 6Page - STMicroelectronics AN1753 Datasheet HTML 7Page - STMicroelectronics AN1753 Datasheet HTML 8Page - STMicroelectronics AN1753 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID9986 Rev 2
5/22
AN1753
UART communication
Figure 2. Frames
In some cases, a 9th bit can be used, as a parity bit or as a second stop bit.
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Start
Bit
Stop
Bit
Next
Start
Bit
8-bit Word length
Data Frame
Next Data Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22