Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1753 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN1753
Description  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN1753 Datasheet HTML 9Page - STMicroelectronics AN1753 Datasheet HTML 10Page - STMicroelectronics AN1753 Datasheet HTML 11Page - STMicroelectronics AN1753 Datasheet HTML 12Page - STMicroelectronics AN1753 Datasheet HTML 13Page - STMicroelectronics AN1753 Datasheet HTML 14Page - STMicroelectronics AN1753 Datasheet HTML 15Page - STMicroelectronics AN1753 Datasheet HTML 16Page - STMicroelectronics AN1753 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID9986 Rev 2
13/22
AN1753
Functional software flow
6.2
Software flow charts
The flowcharts below represent the application program flow.
Figure 5. Main flowchart
Figure 6. Output compare interrupt
t
RX_data
TX_data
tx_byte = rx_byte
MAIN
Initialize port & variables
Initiate Transmission
Is it 1st bit?
no
yes
Init DCRx with CNTRx
Transmit/Receive
Go on “Transmit routine”
Go on “Receive routine”
OPCOMP_int



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22