Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1753 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN1753
Description  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN1753 Datasheet HTML 13Page - STMicroelectronics AN1753 Datasheet HTML 14Page - STMicroelectronics AN1753 Datasheet HTML 15Page - STMicroelectronics AN1753 Datasheet HTML 16Page - STMicroelectronics AN1753 Datasheet HTML 17Page - STMicroelectronics AN1753 Datasheet HTML 18Page - STMicroelectronics AN1753 Datasheet HTML 19Page - STMicroelectronics AN1753 Datasheet HTML 20Page - STMicroelectronics AN1753 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID9986 Rev 2
17/22
AN1753
Functional software flow
Figure 10. Output compare receive flow
Receive routine
yes
no
b
Full“frame”
a
Set “BR” flag
Disable interrupt & stop
timer clock
received?
Read “RxD” & apply
majority voting system
“START”
yes
no
no
Need
yes
?
Read & Check for
“STOP”?
Need
Read & Check for
Store received data
c
c
a
“START” bit condition
“STOP” bit condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22