Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1753 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN1753
Description  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN1753 Datasheet HTML 14Page - STMicroelectronics AN1753 Datasheet HTML 15Page - STMicroelectronics AN1753 Datasheet HTML 16Page - STMicroelectronics AN1753 Datasheet HTML 17Page - STMicroelectronics AN1753 Datasheet HTML 18Page - STMicroelectronics AN1753 Datasheet HTML 19Page - STMicroelectronics AN1753 Datasheet HTML 20Page - STMicroelectronics AN1753 Datasheet HTML 21Page - STMicroelectronics AN1753 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DocID9986 Rev 2
19/22
AN1753
Test procedure
7
Test procedure
1.
Connect both the communication and terminal equipment as shown in Figure 4.
2.
Open and configure the “Hyperterminal “application [Port, Baud rate, etc.].
3.
Power on the ST7LITE0.
4.
On the terminal, you should get “$” as a starting character (If not, then check the link
between the terminal and the ST7LITE0 and check the communication settings).
5.
Press a key to send a character.
6.
The same character should be returned by the ST7LITE0 (check the “Hyperterminal”
window).
7.
Continue by repeating the two previous steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22