| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD64 Fiches technique(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD64 Fiches technique(HTML) 7 Page - NEC |
|
7 / 68 page ![]() 7 µPD63, 63A, 64 N-ch P-ch POC circuit Internal reset signal other than POC Input buffer VDD Mask option P-ch N-ch VDD Output latch Carrier generator data 1.2 INPUT/OUTPUT Circuits of Pins The input/output circuits of the µPD63 pins are shown in partially simplified forms below. (1) KI/O0-KI/O7 (4) S0 (5) S1/LED Note The drive capability is held low. (2) KI0-KI3 (3) REM (6) RESET P-ch N-chNote N-ch VDD Output latch Input buffer data output disable N-ch Input buffer pull-down flag standby release OFF mode pull-down flag N-ch standby release Input buffer P-ch N-ch N-ch VDD REM output latch Input buffer output disable pull-down flag standby release |