| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD64 Fiches technique(PDF) 30 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD64 Fiches technique(HTML) 30 Page - NEC |
|
30 / 68 page ![]() 30 µPD63, 63A, 64 9. INSTRUCTION SET 9.1 Machine Language Output by Assembler The bit length of the machine language of this product is 10 bits per word. However, the machine language that is output by the assembler is extended to 16 bits per word. As shown in the example below, the expansion is made by inserting 3-bit extended bits (111) in two locations. Figure 9-1. Example of Assembler Output (10 bits extended to 16 bits) <1> In the case of “ANL A, @R0H” 1 1 1010 1 0000 1010 1 0000 111 111 Extended bits Extended bits = FAF0 <2> In the case of “OUT P0, #data8” 0 0 0110 1 1000 0110 1 1000 111 111 Extended bits Extended bits = E6F8 |