Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD64 Fiches technique(PDF) 36 Page - NEC

No de pièce UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD64 Fiches technique(HTML) 36 Page - NEC

Back Button UPD64 Datasheet HTML 32Page - NEC UPD64 Datasheet HTML 33Page - NEC UPD64 Datasheet HTML 34Page - NEC UPD64 Datasheet HTML 35Page - NEC UPD64 Datasheet HTML 36Page - NEC UPD64 Datasheet HTML 37Page - NEC UPD64 Datasheet HTML 38Page - NEC UPD64 Datasheet HTML 39Page - NEC UPD64 Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
36
µPD63, 63A, 64
9.4 Accumulator Operation Instructions
ANL A, R0n
ANL A, R1n
<1> Instruction code
: 1 101 R4 0R3 R2 R1R0
<2> Cycle count
: 1
<3> Function
: (A)
← (A) (Rmn) m = 0, 1 n = 0 to F
CY
← A3 • Rmn3
The accumulator contents and the register Rmn contents are ANDed and the results are entered in the
accumulator.
ANL A, @R0H
ANL A, @R0L
<1> Instruction code
: 1 101 0/1 1000 0
<2> Cycle count
: 1
<3> Function
: (A)
← (A) ((P13), (R0))7-4 (in the case of ANL A, @R0H)
CY
← A3 • ROM7
(A)
← (A) ((P13), (R0))3-0 (in the case of ANL A, @R0L)
CY
← A3 • ROM3
The accumulator contents and the program memory contents specified with the control register P13 and
register pair R10-R00 are ANDed and the results are entered in the accumulator.
If H is specified, b7, b6, b5 and b4 take effect. If L is specified, b3, b2, b1 and b0 take effect.
• Program memory (ROM) organization
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
H
↓
L
↓
Valid bits at the time of accumulator operation
ANL A, #data4
<1> Instruction code
: 1 10111000 1
0 00000 d3 d2 d1 d0
<2> Cycle count
: 1
<3> Function
: (A)
← (A) data4
CY
← A3 • data43
The accumulator contents and the immediate data are ANDed and the results are entered in the
accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68