Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD64 Fiches technique(PDF) 46 Page - NEC

No de pièce UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD64 Fiches technique(HTML) 46 Page - NEC

Back Button UPD64 Datasheet HTML 42Page - NEC UPD64 Datasheet HTML 43Page - NEC UPD64 Datasheet HTML 44Page - NEC UPD64 Datasheet HTML 45Page - NEC UPD64 Datasheet HTML 46Page - NEC UPD64 Datasheet HTML 47Page - NEC UPD64 Datasheet HTML 48Page - NEC UPD64 Datasheet HTML 49Page - NEC UPD64 Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
46
µPD63, 63A, 64
STTS #data4
<1> Instruction code
: 0 00111000 1
: 0 00000 d3 d2 d1 d0
<2> Cycle count
: 1
<3> Function
: if statuses match
F
← 1
else
F
← 0
Compares the S0, S1, KI/O, KI, and TIMER statuses with the immediate data contents. If at least one
of the statuses coincides with the bits that have been set, the status flag F is set (to 1).
If none of them coincide, the status flag F is cleared (to 0).
SCAF (Set Carry If ACC = FH)
<1> Instruction code
: 1 10101001 1
<2> Cycle count
: 1
<3> Function
: if
A = 0FH
CY
← 1
else
CY
← 0
Sets the carry flag CY (to 1) if the accumulator contents are FH.
The accumulator values after executing the SCAF instruction are as follows:
Accumulator Value
Carry Flag
Before execution
After execution
×××0
0000
0 (clear)
××01
0001
0 (clear)
×011
0011
0 (clear)
0111
0111
0 (clear)
1111
1111
1 (set)
Remark
×: don’t care
NOP
<1> Instruction code
: 0 00000000 0
<2> Cycle count
: 1
<3> Function
: PC
← PC + 1
No operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68