| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4043 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4043 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 60 page ![]() AN4043 Power losses and dissipation Doc ID 022726 Rev 2 43/60 Both forward characteristics are temperature dependent, and so must be considered under a specified temperature. The linear approximations can be translated for IGBT in the following equation: Equation 15 and, for freewheeling diode: Equation 16 The conduction losses of IGBT and diode can be derived as the time integral of the product of conduction current and voltage across the devices, as follows: Equation 17 Equation 18 where T is the fundamental period. The different utilization mode of the SLLIMM-nano, modulation technique, and working conditions make the power losses very difficult to estimate, it is therefore necessary to fix some starting points. Figure 27. IGBT and diode approximation of the output characteristics V TO R CE = ΔVCE / ΔIC ΔI C ΔV CE V TO R CE = ΔVCE / ΔIC ΔI C ΔV CE V FO RAK = ΔVFM / ΔIFM ΔI FM ΔV FM V FO RAK = ΔVFM / ΔIFM ΔI FM ΔV FM AM09345v1 c CE TO c ce i R V ) (i v ⋅ + = fm AK FO fm fm i R V ) (i v ⋅ + = ∫ ∫ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ ⋅ + ⋅ = ⋅ = T 0 2 c ce c TO T 0 c ce cond_IGBT dt (t) i R (t) i V T 1 (t)dt i v T 1 P ∫ ∫ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ ⋅ + ⋅ = ⋅ = T 0 2 f AK f FO T 0 f f cond_Diode dt (t) i R (t) i V T 1 (t)dt i v T 1 P |