Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4043 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 33Page - STMicroelectronics AN4043 Datasheet HTML 34Page - STMicroelectronics AN4043 Datasheet HTML 35Page - STMicroelectronics AN4043 Datasheet HTML 36Page - STMicroelectronics AN4043 Datasheet HTML 37Page - STMicroelectronics AN4043 Datasheet HTML 38Page - STMicroelectronics AN4043 Datasheet HTML 39Page - STMicroelectronics AN4043 Datasheet HTML 40Page - STMicroelectronics AN4043 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
AN4043
Package
Doc ID 022726 Rev 2
37/60
3.3
Input and output pins description
This paragraph defines the input and output pins of the SLLIMM-nano. For a more accurate
description and layout suggestions, please consult the relevant sections.
Table 9.
Outline drawing of NDIP-26L package
Dimension
(mm)
Min.
Typ.
Max.
A4.4
A1
0.811.2
A2
3
3.1
3.2
A3
1.7
1.8
1.9
A4
5.7
5.9
6.1
b0.53
0.72
b1
0.52
0.6
0.68
b2
0.83
1.02
b3
0.82
0.9
0.98
c0.46
0.59
c1
0.45
0.5
0.55
D
29.05
29.15
29.25
D1
0.5
D2
0.35
D3
29.55
E
12.35
12.45
12.55
e1.7
1.8
1.9
e1
2.4
2.5
2.6
eB1
16.1
16.4
16.7
eB2
21.18
21.48
21.78
L
1.24
1.39
1.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60