Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4043 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 17Page - STMicroelectronics AN4043 Datasheet HTML 18Page - STMicroelectronics AN4043 Datasheet HTML 19Page - STMicroelectronics AN4043 Datasheet HTML 20Page - STMicroelectronics AN4043 Datasheet HTML 21Page - STMicroelectronics AN4043 Datasheet HTML 22Page - STMicroelectronics AN4043 Datasheet HTML 23Page - STMicroelectronics AN4043 Datasheet HTML 24Page - STMicroelectronics AN4043 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
AN4043
Electrical characteristics and functions
Doc ID 022726 Rev 2
21/60
Note:
X: not important.
The dead time is internally set at 180 ns as typical value. In
Figure 13 the details of dead
time and interlocking function management of the STGIPN3H60 is described.
Table 8.
Interlocking function truth table of the STGIPN3H60
Condition
Logic input (VI)
Outputs
SD
LIN
HIN
LVG
HVG
Shutdown enable
half bridge tri-state
LX
X
L
L
Interlocking
half bridge tri-state
HL
HL
L
0 “logic state”
half bridge tri-state
HH
L
L
L
1 “logic state”
low-side direct driving
HL
L
H
L
1 “logic state”
high-side direct driving
HH
H
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60