Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4043 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 24Page - STMicroelectronics AN4043 Datasheet HTML 25Page - STMicroelectronics AN4043 Datasheet HTML 26Page - STMicroelectronics AN4043 Datasheet HTML 27Page - STMicroelectronics AN4043 Datasheet HTML 28Page - STMicroelectronics AN4043 Datasheet HTML 29Page - STMicroelectronics AN4043 Datasheet HTML 30Page - STMicroelectronics AN4043 Datasheet HTML 31Page - STMicroelectronics AN4043 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Electrical characteristics and functions
AN4043
28/60
Doc ID 022726 Rev 2
2.3.10
Op amps for advanced current sensing
The fully featured version of the SLLIMM-nano (STGIPN3H60) integrates also one
operational amplifier optimized for field oriented control (FOC) applications. In a typical FOC
application the currents in the three half bridges are sensed using a shunt resistor. The
analog current information is transformed into a discontinuous sense voltage signal, having
the same frequency as the PWM signal driving the bridge. The sense voltage is a bipolar
analog signal, whose sign depends on the direction of the current (see
Figure 18):
Figure 17.
Example of SC event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60