Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2689 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Fiches technique(HTML) 4 Page - STMicroelectronics

  AN2689 Datasheet HTML 1Page - STMicroelectronics AN2689 Datasheet HTML 2Page - STMicroelectronics AN2689 Datasheet HTML 3Page - STMicroelectronics AN2689 Datasheet HTML 4Page - STMicroelectronics AN2689 Datasheet HTML 5Page - STMicroelectronics AN2689 Datasheet HTML 6Page - STMicroelectronics AN2689 Datasheet HTML 7Page - STMicroelectronics AN2689 Datasheet HTML 8Page - STMicroelectronics AN2689 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Electrical hazards in the automotive environment
AN2689
4/42
Doc ID 14310 Rev 3
1
Electrical hazards in the automotive environment
The automotive environment is the source of many electrical hazards. These hazards, such
as electromagnetic interference, electrostatic discharges and other electrical disturbances
are generated by various accessories like ignition, relay contacts, alternator, injectors,
SMPS (i.e. HID front lights) and other accessories.
These hazards can occur directly in the wiring harness in case of conducted hazards, or be
applied indirectly to the electronic modules by radiation. These generated hazards can
impact the electronics in two ways - either on the data lines or on the supply rail wires,
depending on the environment.
1.1
Source of hazards
1.1.1
Conducted hazards
These hazards occur directly in the cable harness. They are generated by inductive loads
like electro-valves, solenoids, alternators, etc.
The schematic in Figure 1 shows a typical configuration.
Figure 1.
Conducted hazards
1.1.2
Radiated hazards
These hazards are generated by high current switching like relay contact, high current MOS
or IGBT switches, ignition systems, etc. The electromagnetic field generated by these
circuits directly affects lines or modules near the source of the electromagnetic radiation.
The schematic diagram in Figure 2 indicates how electromagnetic radiation creates such
hazards as electromagnetic interference in electronic modules.
Source of
distrubances
Equipment
needing protection
ECU
Alternator
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42