Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2689 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 34Page - STMicroelectronics AN2689 Datasheet HTML 35Page - STMicroelectronics AN2689 Datasheet HTML 36Page - STMicroelectronics AN2689 Datasheet HTML 37Page - STMicroelectronics AN2689 Datasheet HTML 38Page - STMicroelectronics AN2689 Datasheet HTML 39Page - STMicroelectronics AN2689 Datasheet HTML 40Page - STMicroelectronics AN2689 Datasheet HTML 41Page - STMicroelectronics AN2689 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AN2689
PCB layout recommendations
Doc ID 14310 Rev 3
39/42
5.1.3
Parasitic coupling due to the loop-effect
In the presence of electromagnetic fields, caused by relay arcing or antenna emissions for
example, a loop coupling effect may occur as shown in Figure 60 (red dashed line)
Figure 60.
Loop effect representation
This coupling is dependent on the loop size and the source distance (see Figure 61).
Figure 61.
Electromagnetic field applied to a loop
The loop effect voltage U is given by
Where H is the magnetic field, E the electric field and
 the wavelength.
U is in Volts, L, h and
 are in meters and E in Volt/meter
The lower the L and h values, the smaller would be the voltage U. That means the smaller
would be the parasitic coupling. So the solution is to minimize the track loop between the
protection device and the module as shown in Figure 62.
Figure 62.
Loop optimization
Module to protect
Vnom
Vmax
Transil
V
I
Hazard
source
E,H
L
h
U
()
[] ()
[]
2
2
4
1
4
1
2
λ
λ
λ
π
h
L
LhE
U
+
+
=
Big loop
Small loop
Module to protect
Vnom
Vmax
Transil
Module to protect
Vnom
Vmax
Transil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42