Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2689 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 5Page - STMicroelectronics AN2689 Datasheet HTML 6Page - STMicroelectronics AN2689 Datasheet HTML 7Page - STMicroelectronics AN2689 Datasheet HTML 8Page - STMicroelectronics AN2689 Datasheet HTML 9Page - STMicroelectronics AN2689 Datasheet HTML 10Page - STMicroelectronics AN2689 Datasheet HTML 11Page - STMicroelectronics AN2689 Datasheet HTML 12Page - STMicroelectronics AN2689 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
AN2689
Data line protection
Doc ID 14310 Rev 3
9/42
3
Data line protection
3.1
Protection topologies
3.1.1
Clamping topology
Various protection topologies can be chosen for data line protection. There is the usual
topology that consists of using a clamping device as shown in Figure 6. The action of the
suppressor upon positive and negative surge occurrence is shown respectively in Figure 7
and Figure 8.
Figure 6.
Data line protection using a Transil™
When a positive surge occurs, the over voltage is suppressed by the Transil as the voltage
passes the breakdown voltage (VBR). Thus the current is diverted to ground. The remaining
voltage on the data line is limited to the clamping voltage (Vcl).
Figure 7.
Positive surge suppression
For the negative surge, the Transil is now in forward mode and the over voltage is eliminated
as the surge voltage passes the forward voltage drop of the protection device (Vf). The
remaining voltage is limited to the peak forward voltage of the Transil (Vfp).
Figure 8.
Negative surge suppression
Module to protect
Vnom
Vmax
Transil
Module to protect
Vnom
Vmax
Vs
I
Vcl
Vcc
Module to protect
Vnom
Vmax
Vs
I
Vfp
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42