| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2841 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2841 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 31 page ![]() Achieved values AN2841 28/31 536 124 62 31 15 8 544 122 61 30 15 8 552 120 60 30 15 8 560 119 59 30 15 7 568 117 59 29 15 7 576 116 58 29 14 7 584 114 57 29 14 7 592 113 56 28 14 7 600 111 56 28 14 7 608 110 55 27 14 7 616 110 55 27 14 7 624 110 55 27 14 7 632 106 53 26 13 7 640 105 52 26 13 7 648 103 52 26 13 6 656 102 51 26 13 6 664 101 51 25 13 6 672 100 50 25 12 6 680 99 49 25 12 6 688 98 49 24 12 6 1. 100 Hz can be reached with very high level of optimization. Table 12. Refresh frequencies for better optimized code (8- and 12-bit PWM) LEDs 8-bit PWM freq. [Hz] 12-bit PWM freq. [Hz] 32 250 000 / 256 = 1000 250 000 / 4096 = 61 128 (250 000 / 256) / 4 = 244 (250 000 / 4096) / 4 = 15 512 (250 000 / 256) / 16 = 61 (250 000 / 4096) / 16 = 4 Table 13. Refresh frequencies for better optimized code (10- and 11-bit PWM) LEDs 10-bit PWM freq. [Hz] 11-bit PWM freq. [Hz] 32 250 000 / 1024 = 244 250 000 / 2048 = 122 128 (250 000 / 1024) / 4 = 64 (250 000 / 2048) / 4 = 30 512 (250 000 / 1024) /16 = 15 (250 000 / 2048) / 16 = 7 Table 11. Refresh frequencies (continued) LEDs/PWM 8-bit [Hz] 9-bit [Hz] 10-bit [Hz] 11-bit [Hz] 12-bit [Hz] 256 512 1024 2048 4096 |