| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2841 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2841 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 31 page ![]() Dimming application using an STM32 microcontroller AN2841 12/31 Figure 9. Dynamic data preparation - time consumption - block diagram Figure 10. Dynamic data preparation - time consumption - real signals 3.1.2 Static data transfer using lookup tables When using static lookup tables, all data is computed before being sent to the LED drivers. Static lookup tables are used to convert the brightness value from an 8-, 9-, 10-, 11- or 12-bit representation from the LEDmap array into the serial stream representing the PWM of the LED driver outputs. |