| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2841 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2841 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 31 page ![]() AN2841 Dimming application using an STM32 microcontroller 21/31 Example of reduced lookup table generation void performGenerateReducedLookUpTable(unsigned char *LEDmapIN, int LEDcount, int PWMdepth, unsigned char **tableIN, unsigned char **tableKeyIN, int *table_size){ int streamSize = LEDcount/8; *table_size = differentValuesCount(LEDmapIN, LEDcount); *tableKeyIN = SortAndReduce(LEDmapIN, LEDcount, *table_size); *tableIN = malloc(streamSize * (*table_size) * sizeof(unsigned char)); for(tmpdepth = 0; tmpdepth < (*table_size); tmpdepth++){ for(DATAchar = 0; DATAchar < streamSize; DATAchar++){ for(outputBIT = 0; outputBIT < 8; outputBIT++){ (*tableIN)[tmpdepth*streamSize + DATAchar] <<= 1; if(LEDmapIN[(DATAchar*8) + outputBIT] > (*tableKeyIN)[tmpdepth]) (*tableIN)[tmpdepth*streamSize + DATAchar] |= 0x01; else (*tableIN)[tmpdepth*streamSize + DATAchar] &= 0xFE; } } } } . Table 3. LEDmap - requested LED brightness configuration Outputs LED 1 LED 2 LED 3 … … LED i Duty cycle (brightness) 2 / 2n 6 / 2n 4 / 2n 100% |