Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2841 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 12Page - STMicroelectronics AN2841 Datasheet HTML 13Page - STMicroelectronics AN2841 Datasheet HTML 14Page - STMicroelectronics AN2841 Datasheet HTML 15Page - STMicroelectronics AN2841 Datasheet HTML 16Page - STMicroelectronics AN2841 Datasheet HTML 17Page - STMicroelectronics AN2841 Datasheet HTML 18Page - STMicroelectronics AN2841 Datasheet HTML 19Page - STMicroelectronics AN2841 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Dimming application using an STM32 microcontroller
AN2841
16/31
3.1.4
Single interrupt with DMA
The data is transferred from the microcontroller RAM into the LED driver using a single
interrupt with DMA approach. You cannot use a DMA approach without a timer, because you
cannot change the speed of the DMA and thus you cannot change PWM parameters and
the refresh rate in required steps. The benefit of using DMA is that the SPI buffer can be
automatically filled. The time saved is nearly in the range of the time needed for the DMA to
restart and re-configure itself for the next transfer (in comparison to previous approach). An
example of a timing diagram for this programming model is shown in Figure 14. The timing
can be compared in Figure 12 and Figure 14.
Figure 14.
Timing diagram: Single interrupt with DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31