Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4541 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN4541
Description  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN4541 Datasheet HTML 13Page - STMicroelectronics AN4541 Datasheet HTML 14Page - STMicroelectronics AN4541 Datasheet HTML 15Page - STMicroelectronics AN4541 Datasheet HTML 16Page - STMicroelectronics AN4541 Datasheet HTML 17Page - STMicroelectronics AN4541 Datasheet HTML 18Page - STMicroelectronics AN4541 Datasheet HTML 19Page - STMicroelectronics AN4541 Datasheet HTML 20Page - STMicroelectronics AN4541 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DocID026513 Rev 1
19/21
AN4541
Conclusion
21
7
Conclusion
STMicroelectronics EMIF devices include protection and filtering functions for SD card Ultra
High Speed applications.
Their electrical characteristics have been optimized to guarantee low clamping voltages in
order to protect the host driver, often exposed to ESD surges during card insertion and
removal.
Through careful PCB layout, it is possible to obtain the highest data rate transmission
allowable on the new SD3.01-compliant µSD or SD cards used by many portable devices.
The filtering capabilities of the EMIF devices can help the designer to limit the noise
generated during the read and write operations and improve EMI robustness, especially on
devices such as phones or tablets, which are particularly exposed to this issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21