Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4541 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN4541
Description  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN4541 Datasheet HTML 8Page - STMicroelectronics AN4541 Datasheet HTML 9Page - STMicroelectronics AN4541 Datasheet HTML 10Page - STMicroelectronics AN4541 Datasheet HTML 11Page - STMicroelectronics AN4541 Datasheet HTML 12Page - STMicroelectronics AN4541 Datasheet HTML 13Page - STMicroelectronics AN4541 Datasheet HTML 14Page - STMicroelectronics AN4541 Datasheet HTML 15Page - STMicroelectronics AN4541 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SD3.0 constrains
AN4541
12/21
DocID026513 Rev 1
Figure 16. SD card demo board for EMIF06-MSD03/04F3
This demo board is inserted in the SD card reader (Figure 17).
Figure 17. EMIF06-MSD03/04F3 SD3.0 test setup
While this allows probing of the different signals between the host, the filter and the SD card,
the drawback is that parasitic capacitance and inductance increase. The impact of the
device under test on the bit rate of the link can be evaluated by shortening the device on the
demonstration board; the PCB thus becoming a "through" device. The bit rate results for
these conditions are shown in Figure 18.
Figure 18. Data rate evaluation with demo board without EMIF06-MSD04F3
The data rate decreases from 80.8-79.7 MB/s to 62.3-61.2 MB/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21