Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4541 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4541
Description  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4541 Datasheet HTML 9Page - STMicroelectronics AN4541 Datasheet HTML 10Page - STMicroelectronics AN4541 Datasheet HTML 11Page - STMicroelectronics AN4541 Datasheet HTML 12Page - STMicroelectronics AN4541 Datasheet HTML 13Page - STMicroelectronics AN4541 Datasheet HTML 14Page - STMicroelectronics AN4541 Datasheet HTML 15Page - STMicroelectronics AN4541 Datasheet HTML 16Page - STMicroelectronics AN4541 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID026513 Rev 1
13/21
AN4541
SD3.0 constrains
21
By inserting the demo board with the EMIF06-MSD04F3, the same test as inFigure 14 is
performed to obtain the new waveforms inFigure 19.
Figure 19. Clock and data signals on an SD3.0 link with EMIF06-MSD04F3 and its
demo PCB
The transmission performs well and the clock frequency decreases to 145 MHz due to the
added capacitance CLINE=CPCB+CEMIF.
The data rate results are given in Figure 20.
Figure 20. Data rate evaluation on the SD3.0 tested link with EMIF06-MSD04F3 and its
demo PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21