| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4444 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4444 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 68 page ![]() DocID025925 Rev 2 41/68 AN4444 Reference design standard tests 68 Figure 29, Figure 30 and Figure 31 show the input impedance magnitude vs. frequency measured in the transmission and reception mode. The impedance magnitude values prove that the ST7590 reference design is compliant with the EN50065-7 requirements. At the same time, the line interface gives an efficient signal coupling both in transmission and reception. Figure 29. Measured input impedance of the line coupling - reception mode Figure 30. Measured input impedance of the line coupling - reception mode (with optional Rx amplifier) |