| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4444 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4444 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 68 page ![]() DocID025925 Rev 2 29/68 AN4444 ST7590 reference design description 68 In Figure 16 the measured response of the whole transmission coupling, loaded with the LISN impedance as set by the EN50065-1 document, is reported. Figure 16 highlights a slight filtering effect added by the passive L-C series resonant combined with the LISN reactive load. Figure 17 shows the Montecarlo simulation in the same configuration. Figure 16. Measured frequency response of the transmission line coupling loaded with the EN50065-1 LISN impedance (typical) Figure 17. Montecarlo simulation of the transmission line coupling response loaded with the EN50065-1 LISN impedance |