Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4444 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 9Page - STMicroelectronics AN4444 Datasheet HTML 10Page - STMicroelectronics AN4444 Datasheet HTML 11Page - STMicroelectronics AN4444 Datasheet HTML 12Page - STMicroelectronics AN4444 Datasheet HTML 13Page - STMicroelectronics AN4444 Datasheet HTML 14Page - STMicroelectronics AN4444 Datasheet HTML 15Page - STMicroelectronics AN4444 Datasheet HTML 16Page - STMicroelectronics AN4444 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
DocID025925 Rev 2
13/68
AN4444
Evaluating with PRIME GUI
68
6.2
Loading the STM32 FW
Our EVALKITST7590-Q1 + PRIME GUI environment allow the evaluation of both PRIME
base node and PRIME service node. The STM32 on-board has to be loaded with a proper
FW based on the PRIME node type to be evaluated:
PRIME service node: “PC BRIDGE SN” FW
PRIME base node:
“UART bypass” BN FW
STM32 programming can be done using the ST-LINK or ST-LINK/V2 in-circuit
debuggers/programmers and the STM32 ST-LINK Utility software. For further details visit
www.st.com.
6.3
Connection procedure
The following procedure is required for every node to be connected:
1.
Verify that the JP7 and JP8 strips are connected as reported in Figure 6
2.
Connect the EVALKITST7590-Q1 to the PC using a mini-USB cable
3.
Plug a power cable into the board AC power connector
4.
Plug the power cable into the power socket
5.
The “STMicroelectronics Virtual COM Port” is recognized by the PC “Device Manager”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68